PART |
Description |
Maker |
ADP1148-3.3 ADP1148-5 ADP1148AN-3.3 ADP1148AR-3.3 |
InputV: 0.3-20V; 50mA; high efficiency synchronous step-down switching regulator. For notebook and palmtop computers, portable instrumnets, battery operated digital devices 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C High Efficiency Synchronous Step-Down Switching Regulators(高效率同步步降开关稳压器)
|
Analog Devices, Inc.
|
MV5437 |
3 LEADS BICOLOR T-1 3/4 SOLID STATE LAMPS T-1 3/4 DUAL COLOR LED, HIGH EFFICIENCY GREEN/HIGH EFFICIENCY RED, 5 mm
|
QT[QT Optoelectronics]
|
MAX649 MAX649CPA MAX649CSA MAX649EPA MAX649ESA MAX |
5V/3.3V/3V or Adjustable, High-Efficiency, 5V/3.3V/3V或可调,高效率, 5V/3.3V/3V or Adjustable / High-Efficiency / 5V/3.3V/3V or Adjustable High-Efficiency 5V/3.3V/3V or Adjustable, High-Efficiency, Low-I
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AWT6111 AWT6111_REV_2.0 |
The AWT6111 is a high power high efficiency amplifier module for Dual Mode CDMA/AMPS wireless handset applications. From old datasheet system Power Amplifiers
|
Anadigics Inc
|
21PCF130TW4-002 |
DUAL COLOR LED, HIGH EFFICIENCY RED/HIGH EFFICIENCY GREEN
|
LEDTRONICS INC
|
5FL2C48A U5FL2C48A 5DL2C48A U5DL2C48A |
Switching Power Supply Application High Efficiency Diode(用于开关型电源的高效二极管) HIGH EFFICIENCY DIODE (SWITCHING TYPE POWER SUPPLY/ CONVERTER & CHOPPER APPLICATIONS) HIGH EFFICIENCY DIODE (SWITCHING TYPE POWER SUPPLY CONVERTER & CHOPPER APPLICATIONS) HIGH EFFICIENCY DIODE (SWITCHING TYPE POWER SUPPLY, CONVERTER & CHOPPER APPLICATIONS)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
BH16500CDL BH16500CDGG 74ABTH16500CDL 74ABTH16500C |
18-bit universal bus transceiver 3-State ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80%
|
Philips Semiconductors NXP Semiconductors N.V.
|
RSBL-12 RSBL-9 RSBL-9-S RSB-12 RSB-12-S RSB-24 RSB |
Using Permanent Magnet, High sensitivity Two Poles Signal Relay RSB RELAYS 使用永磁,两极高灵敏度信号继电器RSB继电 ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% 使用永磁,两极高灵敏度信号继电器RSB继电 ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% Explosion-Proof Limit Switches Series CX: Standard Housing: Side Rotary, Lever not included From old datasheet system
|
Electronic Theatre Controls, Inc. ETC[ETC] N.A. List of Unclassifed Manufacturers http://
|
31DF6 |
LOW POWER LOSS/ HIGH EFFICIENCY FRD - LOW POWER LOSS, HIGH EFFICIENCY
|
Nihon Inter Electronics Corporation ETC
|
TC1706 |
3 W High Linearity and High Efficiency GaAs Power FETs
|
Transcom, Inc.
|
TC1501 |
1W High Linearity and High Efficiency GaAs Power FETs
|
Transcom, Inc.
|
TC1606 |
2W High Linearity and High Efficiency GaAs Power FETs
|
Transcom, Inc.
|